PART |
Description |
Maker |
FGP-1000 |
IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
|
Level One
|
MAX13181E MAX13181EELB MAX13182E MAX13182EELB MAX1 |
5.0V, ±15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN 5.0V, 【15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
|
http:// Maxim Integrated Products
|
SP1481EEP SP1481EEN SP1481EMN SP1481E SP1481ECN SP |
5kV Enhanced Low Power Half-Duplex RS-485 Transceivers 5kV的增强低功耗半双工RS - 485收发 ±15kV Enhanced Low Power Half-Duplex RS-485 Transceivers 【15kV Enhanced Low Power Half-Duplex RS-485 Transceivers Enhanced Low Power Half-Duplex RS485 Transceivers
|
Exar, Corp. SIPEX[Sipex Corporation]
|
PE300008-2 PE300008-3 PE300008-1 |
CABLE ASSEMBLY SC TO SC DUPLEX CABLE ASSEMBLY SC TO SC DUPLEX SINGLE MODE
|
Pasternack Enterprises, Inc.
|
PE300034-1 PE300034-3 PE300034-5 PE300034-2 |
CABLE ASSEMBLY MTRJ TO ST DUPLEX MULTIMODE CABLE ASSEMBLY MTRJ TO ST DUPLEX MULTIMODE CABLE ASSEMBLY MTRJ TO SST DUPLEX MULTI MODE CABLE ASSEMBLY MTRJ TO ST DUPLEX MULTI MODE
|
Pasternack Enterprises, Inc.
|
C-13-15-F06M-PD-MSTH C-13-15-F06M-PD-MSTL C-13-15- |
FIBER OPTIC DEVICE-DUPLEX MODULE, 1290-1330nm, THROUGH HOLE MOUNT-RIGHT ANGLE, FC/APC CONNECTOR FIBER OPTIC DEVICE-DUPLEX MODULE, 1290-1330nm, THROUGH HOLE MOUNT-RIGHT ANGLE, ST/APC CONNECTOR FIBER OPTIC DEVICE-DUPLEX MODULE, 1290-1330nm, THROUGH HOLE MOUNT-RIGHT ANGLE, ST/PC CONNECTOR FIBER OPTIC DEVICE-DUPLEX MODULE, 1290-1330nm, THROUGH HOLE MOUNT-RIGHT ANGLE, FC/PC CONNECTOR 1310nm Emitting,1550nm Receiving(PIN-TIA,5pin-out,3.3V) Bi-directional Diplexer Optical Module
|
Source Photonics, Inc.
|
V23836-C18-C363 V23836-C18-C63 |
Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21 km, 1x9, SC Duplex Connector, 3,3 V, DC/DC coupling Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21 km, 1x9, SC Duplex Connector, 5 V, DC/DC coupling 1x9 Transceiver with Duplex SC Receptacle Single Mode 1300 nm 21 km SONET OC-3 / SDH STM-1 1x9收发器与双工SC插孔单模1300纳米21公里与SONET OC - 3 / SDH的的STM - 1
|
Infineon Technologies A... Infineon Technologies AG
|
PE300521-2 PE300521-1 |
CABLE ASSEMBLY LC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING CABLE ASSEMBLY LC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
|
Pasternack Enterprises, Inc.
|
MAX19711ETN |
10-Bit, 11Msps, Full-Duplex, Analog Front-End SPECIALTY TELECOM CIRCUIT, QCC56 10-Bit, 11Msps, Full-Duplex Analog Front-End
|
Maxim Integrated Products, Inc.
|
16C2850 XR16C2850CJ XR16C2850CM XR16C2850IJ XR16C2 |
DUAL UART WITH 128-byte FIFO’s AND RS-485 HALF DUPLEX CONTROL CENTRONICS PARALLEL CBLS 36 PIN M - 36 PIN M 双UART28字节FIFO的和RS - 485半双工控 DUAL UART WITH 128-byte FIFOs AND RS-485 HALF DUPLEX CONTROL
|
Exar, Corp. Exar Corporation
|
MSM7512B MSM7512BGS-K MSBMB7512B MSM7512BRS MSM751 |
From old datasheet system 1200 bps Half Duplex FSK Modem ? ITU-T V.23 1200 bps Half Duplex FSK Modem - ITU-T V.23
|
OKI electronic componets
|
0885262202 885262202 |
LC-to-ST, Multimode, 62.5/125μm, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84) LC-to-ST, Multimode, 62.5/125渭m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84) MOLEX Connector
|
Molex Electronics Ltd.
|